Part Number Hot Search : 
MMBTA282 13130 TA0103A 5248B EPA3415 S1500 S1500 HD74H
Product Description
Full Text Search
 

To Download 1F110245-S644 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  all specification & dimensions are subject to ch ange, please call your nearest foxconn sales representative for update information . specifications future bus connector 1f series, plug. solder fit type 2.0mm [.078?] pitch 4rows mechanical contact retention force: 1.02kg(2.3lb)min . durability: 250 cycles electrical voltage r a t ing : 750v current rating: 1a contact resistance: 10m w max. dielectrical withstanding voltage: 1000v insul ation resistance: 1000m w min. physical housing: lcp, ul 94 - 0, ivory white contact: phos p hor bronze plating: see ?ordering information? drawing 2??? ordering information tail length(t) 5=45u" gold mating area plating: product no.: 1f11***5-s * * 4 mating length(m) 1=5.00mm 2=5.75mm 3=6.50mm 4=7.25mm 5=8.00mm 1=2.9mm 2=3.7mm 3=4.5mm 4=2.65mm 5=3.45mm 6=4.25mm 22.00 23.90 pos. p/n 192 96 48 [3.70] [1.811] [.866] 94.00 46.00 dim. b dim. a [3.776] 95.90 [1.866] 47.90 [.941] 24 [.3937] 10.00 11.90 [.469] 1f110245-s*14 1f110485-s*14 1f110965-s*14 1f111925-s*14


▲Up To Search▲   

 
Price & Availability of 1F110245-S644

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X